|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZL60013 - 1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZL60006 | 1310 nm 1550 nm 2.5 Gbps PIN with Preamplifier | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| HVD147 | Silicon Epitaxial Trench Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| HVL192 | Silicon Epitaxial Planar Pin Diode for Wireless LAN | 1 2 3 4 5 | Renesas Technology Corp |
| HVU145 | Silicon Epitaxial Planar Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP201KL | Silicon Epitaxial Trench Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| ZL60007 | 1310nm 1550nm 622Mbps PIN with Preamplifier | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| HVL142AM | Silicon Epitaxial Planar Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| HVU145 | Silicon Epitaxial Planar Pin Diode for High Frequency Switching | 1 2 3 4 5 More | Hitachi Semiconductor |
| SDA9380 | EDDC MEGAVISION IC set to support single chip back end solutions for SDTV up to HDTV CRTs | 1 2 | Infineon Technologies AG |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|