|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP8830 - 1.5GHz ÷ 10 Prescaler - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC145202 | Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| MC12019 | Dual Modulus Prescaler | 1 2 3 | Freescale Semiconductor, Inc |
| SP4633 | 1GHz 64 NON SELF OSCILLATING PRESCALER | 1 2 3 4 5 | Zarlink Semiconductor Inc |
| MC12022A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| U816BS-SP | 1.1-GHz Prescaler for TV Tuners | 1 2 3 4 5 | TEMIC Semiconductors |
| MC12026A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| MB15E05 | ASSP Single Serial Input PLL Frequency Synthesizer On-Chip 2.0GHz Prescaler | 1 2 3 4 5 More | Fujitsu Component Limited. |
| UPB1509GV | NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
| SP4982 | 2·5GHz 48192 PRESCALER | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| MC12018 | 520MHz Dual Modulus Prescaler | 1 2 3 4 | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|