|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HCD710 - 12V OCXO Sine Output - Golledge Electronics Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| V7PF-15A | NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A | 1 2 | Bel Fuse Inc. |
| NB4N441 | 3.3V Serial Input MultiProtocol PLL Clock Synthesizer Differential LVPECL Output | 1 2 3 4 5 More | ON Semiconductor |
| AD5744R | Complete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC | 1 2 3 4 5 More | Analog Devices |
| 74AHC594 | 8-bit shift register with output register | 1 2 3 4 5 More | NXP Semiconductors |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | 1 2 3 4 5 More | NEC |
| 2SC5752 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD | 1 2 3 4 5 More | NEC |
| AD5300 | +2.7 V to +5.5 V 140 uA Rail-to-Rail Output 8-Bit DAC in an SOT-23 | 1 2 3 4 5 More | Analog Devices |
| TEW5301 | CEPT/T1 Output Transformer | 1 | Filtran LTD |
| TEW5716 | CEPT/T1 Output Transformer | 1 | Filtran LTD |
Datasheet Page |
1 |
Link URL |
|
|