|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BA6950FS_1 - Reversible Motor Driver - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BA6208_05 | REVERSIBLE MOTOR DRIVER | 1 2 3 4 | Unisonic Technologies |
| MB3863_01 | DUAL REVERSIBLE MOTOR DRIVER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| BA6222_1 | Reversible Motor Driver | 1 2 3 4 5 | Rohm |
| BA6238A_1 | Reversible Motor Driver for 2 motors | 1 2 3 4 5 | Rohm |
| BA6285FS_1 | Reversible Motor Driver | 1 2 3 4 5 | Rohm |
| BA6287F_1 | Reversible Motor Driver | 1 2 3 4 5 | Rohm |
| L6219 | DUAL FULL-BRIDGE PWM MOTOR DRIVER | 1 2 3 4 5 More | Unisonic Technologies |
| LB11862M | Single-Phase Full-Wave Fan Motor Driver | 1 2 3 4 5 | Sanyo Semicon Device |
| 17510 | 1.2 A 15 V H-Bridge Motor Driver IC | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| M56750FP | 3-PHASE BRUSHLESS MOTOR DRIVER | 1 2 3 4 5 More | Renesas Technology Corp |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|