|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SK2715_1 - 10V Drive Nch MOS FET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RDX030N60 | 10V Drive Nch MOS FET | 1 2 3 | Rohm |
| 2SK2094_1 | 4V Drive Nch MOS FET | 1 2 3 4 5 | Rohm |
| 2SK2503_1 | 4V Drive Nch MOS FET | 1 2 3 4 5 More | Rohm |
| 2SK2504_1 | 4V Drive Nch MOS FET | 1 2 3 4 5 More | Rohm |
| RJP020N06 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RJK005N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RTQ035N03 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RJU002N06 | 2.5V Drive Nch MOS FET | 1 2 3 | Rohm |
| RSF010P03 | 4V Drive Pch MOS FET | 1 2 3 | Rohm |
| TLP701 | Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|