![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2SD2114K(6) |
|
Click Here View 2SD2114K Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| 2SC5876_1 | Medium power transistor 60V 0.5A | Rohm |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | Zetex Semiconductors |
| ZXTN25060BZ | 60V SOT89 NPN medium power transistor | Zetex Semiconductors |
| STX817A | PNP Medium power transistor | STMicroelectronics |
| 2SC5866_1 | Medium power transistor 60V 2A | Rohm |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | NEC |
| 2N5195_00 | MEDIUM POWER PNP SILICON TRANSISTOR | STMicroelectronics |
| SB2202 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | Unisonic Technologies |
| 2SD1664_1 | Medium Power Transistor 32V 1A | Rohm |
| Related keyword |
| 2SD2114K Datasheet | 2SD2114K Cross Reference | 2SD2114K Schematic | 2SD2114K Distributor | 2SD2114K Datenblatt | 2SD2114K RoHS |
| 2SD2114K Equivalent | 2SD2114K Application Notes | 2SD2114K Data Sheet | 2SD2114K component | 2SD2114K Fiche Technique | 2SD2114K Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |