![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2SD2114(6) 2SD2115(5) 2SD2116(1) 2SD2117(1) 2SD2118(5) |
|
Click Here View 2SD2118 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NSS40200UW6T1G | 40 V 4.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS306PZ | 100 V 4.1 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| NSS40500UW3T2G | 40 V 6.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS2515YPN | 15 V low VCE sat NPN/PNP transistor | NXP Semiconductors |
| NSS40600CF8T1G | 40 V 7.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS3515E | 15 V 0.5 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| NST489AMT1 | High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications | ON Semiconductor |
| PBSS3540E | 40 V 500 mA PNP low VCEsat BISS transistor | NXP Semiconductors |
| PBSS4160V | 60 V 1 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| PBSS4420D | 20 V 4 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| Related keyword |
| 2SD2118 Datasheet | 2SD2118 Cross Reference | 2SD2118 Schematic | 2SD2118 Distributor | 2SD2118 Datenblatt | 2SD2118 RoHS |
| 2SD2118 Equivalent | 2SD2118 Application Notes | 2SD2118 Data Sheet | 2SD2118 component | 2SD2118 Fiche Technique | 2SD2118 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |