![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SB1427_1 - Power transistor (−20V, −2A) - Rohm |
|
Click Here View 2SB1427_1 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| BLC6G10-160 | UHF power LDMOS transistor | NXP Semiconductors |
| MTA1N60E | FULLY ISOLATED TMOS E-FET POWER FIELD EFFECT TRANSISTOR | Motorola, Inc |
| BLF369 | VHF power LDMOS transistor | NXP Semiconductors |
| 1DI400MP-120 | POWER TRANSISTOR MODULE | Fuji Electric |
| 2N3773 | High power NPN silicon transistor | STMicroelectronics |
| MRF1517T1 | RF Power Field Effect Transistor | Freescale Semiconductor, Inc |
| BUL804_06 | High voltage fast-switching NPN Power Transistor | STMicroelectronics |
| BUL49D_01 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BULB128-1 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 2SB1427_1 Datasheet | 2SB1427_1 Cross Reference | 2SB1427_1 Schematic | 2SB1427_1 Distributor | 2SB1427_1 Datenblatt | 2SB1427_1 RoHS |
| 2SB1427_1 Equivalent | 2SB1427_1 Application Notes | 2SB1427_1 Data Sheet | 2SB1427_1 component | 2SB1427_1 Fiche Technique | 2SB1427_1 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |