![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2SB1420(1) 2SB1424(5) 2SB1425(1) 2SB1426(1) 2SB1427(3) 2SB1428(1) 2SB1429(1) |
|
Click Here View 2SB1424 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NSS20600CF8T1G | 20 V 7.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS303NX | 30 V 5.1 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| NSS30070MR6T1G | 30 V 0.7 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS304NZ | 60 V 5.2 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| PBSS4220V | 20 V 2 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| NSS30071MR6T1G | 30 V 0.7 A Low VCE sat NPN Transistor | ON Semiconductor |
| PBSS305PZ | 80 V 4.5 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| NSS40200LT1G | 40 V 4.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS306NX | 100 V 4.5 A NPN low VCEsat BISS transistor | NXP Semiconductors |
| NSS40200UW6T1G | 40 V 4.0 A Low VCE sat PNP Transistor | ON Semiconductor |
| Related keyword |
| 2SB1424 Datasheet | 2SB1424 Cross Reference | 2SB1424 Schematic | 2SB1424 Distributor | 2SB1424 Datenblatt | 2SB1424 RoHS |
| 2SB1424 Equivalent | 2SB1424 Application Notes | 2SB1424 Data Sheet | 2SB1424 component | 2SB1424 Fiche Technique | 2SB1424 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |