![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SB1184 - Power Transistor (−60V, −3A) - Rohm |
|
Click Here View 2SB1184 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| 2SA1797_1 | Power Transistor −50V −3A | Rohm |
| 2SA2088_1 | Medium power transistor −60V −0.5A | Rohm |
| ZXTDCM832 | MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR | Zetex Semiconductors |
| BUX81 | HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR | Seme LAB |
| BLC6G10-200 | UHF power LDMOS transistor | NXP Semiconductors |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | ETC |
| ETG81-050A | POWER TRANSISTOR MODULE | Fuji Electric |
| STP4N40 | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | Sipex Corporation |
| MJD44E3 | Darlington Power Transistor DPAK For Surface Mount Applications 10 AMPERES 80 VOLTS 20 WATTS | ON Semiconductor |
Link URL |
|
|
Related keyword |
| 2SB1184 Datasheet | 2SB1184 Cross Reference | 2SB1184 Schematic | 2SB1184 Distributor | 2SB1184 Datenblatt | 2SB1184 RoHS |
| 2SB1184 Equivalent | 2SB1184 Application Notes | 2SB1184 Data Sheet | 2SB1184 component | 2SB1184 Fiche Technique | 2SB1184 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |