Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC02 Datasheet (PDF) - ON Semiconductor

MC74VHC02 Datasheet PDF - ON Semiconductor
Part # MC74VHC02
Download  MC74VHC02 Download

File Size   82.22 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NOR Gate

MC74VHC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VHC02 Datasheet PDF - ON Semiconductor

Part # MC74VHC02
Download  MC74VHC02 Click to download

File Size   82.22 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad 2?묲nput NOR Gate

MC74VHC02 Datasheet (HTML) - ON Semiconductor

MC74VHC02 Datasheet HTML 1Page - ON Semiconductor MC74VHC02 Datasheet HTML 2Page - ON Semiconductor MC74VHC02 Datasheet HTML 3Page - ON Semiconductor MC74VHC02 Datasheet HTML 4Page - ON Semiconductor MC74VHC02 Datasheet HTML 5Page - ON Semiconductor

MC74VHC02 Product details

The MC74VHC02 is an advanced high speed CMOS 2−input NOR gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.

Features
• High Speed: tPD = 3.6 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 2  μA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2.0 V to 5.5 V Operating Range
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: Human Body Model > 2000 V; Machine Model > 200 V
• Chip Complexity: 40 FETs or 10 Equivalent Gates
• Pb−Free Packages are Available*




Similar Part No. - MC74VHC02

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC02 MOTOROLA-MC74VHC02 Datasheet
141Kb / 5P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
91Kb / 5P
   Quad 2-Input NOR Gate
December, 2015 ??Rev. 6
logo
Motorola, Inc
MC74VHC02D MOTOROLA-MC74VHC02D Datasheet
141Kb / 5P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
MC74VHC02DR2G ONSEMI-MC74VHC02DR2G Datasheet
91Kb / 5P
   Quad 2-Input NOR Gate
December, 2015 ??Rev. 6
logo
Motorola, Inc
MC74VHC02DT MOTOROLA-MC74VHC02DT Datasheet
141Kb / 5P
   Quad 2-Input NOR Gate
More results


Similar Description - MC74VHC02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
logo
NTE Electronics
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
   Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com