![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2N5401 - HIGH VOLTAGE SWITCHING TRANSISTOR - Unisonic Technologies |
|
Click Here View 2N5401 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | ON Semiconductor |
| BUF642 | Silicon NPN High Voltage Switching Transistor | Vishay Siliconix |
| PS2501-1 | HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES | California Eastern Labs |
| BUL138FP | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BUF420AW | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BUX98APW | HIGH VOLTAGE NPN POWER TRANSISTOR | STMicroelectronics |
| ST13005_01 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BAS19LT1_07 | High Voltage Switching Diode | ON Semiconductor |
| MMBTA92 | HIGH VOLTAGE PNP TRANSISTOR | Unisonic Technologies |
| LT1977 | High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current | Linear Technology |
Link URL |
|
|
Related keyword |
| 2N5401 Datasheet | 2N5401 Cross Reference | 2N5401 Schematic | 2N5401 Distributor | 2N5401 Datenblatt | 2N5401 RoHS |
| 2N5401 Equivalent | 2N5401 Application Notes | 2N5401 Data Sheet | 2N5401 component | 2N5401 Fiche Technique | 2N5401 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |