|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P1696 - 150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P1596 | 150KHZ 1.5A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Unisonic Technologies |
| AP1511 | PWM Control 5A Step-Down Converter | 1 2 3 4 5 | Anachip Corp |
| AP1520 | PWM Control 2A Step-Down Converter | 1 2 3 4 5 More | Anachip Corp |
| LTC1911-15 | Low Noise High Efficiency Inductorless Step-Down DC/DC Converter | 1 2 3 4 5 More | Linear Technology |
| XC9511 | Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector | 1 2 3 4 5 More | Torex Semiconductor |
| MPC17550 | Quad H-Bridge Micromotor Driver with DC/DC Boost Converter | 1 2 3 4 5 More | Motorola, Inc |
| TEP5606 | ISDN DC/DC Converter Transformer | 1 | Filtran LTD |
| FAN5307 | High-Efficiency Step-Down DC-DC Converter | 1 2 3 4 5 More | Fairchild Semiconductor |
| TEP5844 | ISDN DC/DC Converter Transformer | 1 | Filtran LTD |
| 2SC5569 | DC/DC CONVERTER APPLICATIONS | 1 2 3 4 | Unisonic Technologies |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|