![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SB1188-P-AB3-R - MEDIUM POWER LOW VOLTAGE TRANSISTOR - Unisonic Technologies |
|
Click Here View 2SB1188-P-AB3-R Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SB2202 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | Unisonic Technologies |
| B772SS | MEDIUM POWER LOW VOLTAGE TRANSISTOR | Unisonic Technologies |
| ST600K | LOW VOLTAGE NPN POWER TRANSISTOR | STMicroelectronics |
| STX790A_06 | Medium Current High Performance Low Voltage PNP Transistor | STMicroelectronics |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| 2STL1360 | LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| BUL3N7 | MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | STMicroelectronics |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | Zetex Semiconductors |
| 2STN2540 | Low voltage fast-switching PNP power bipolar transistor | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 2SB1188-P-AB3-R Datasheet | 2SB1188-P-AB3-R Cross Reference | 2SB1188-P-AB3-R Schematic | 2SB1188-P-AB3-R Distributor | 2SB1188-P-AB3-R Datenblatt | 2SB1188-P-AB3-R RoHS |
| 2SB1188-P-AB3-R Equivalent | 2SB1188-P-AB3-R Application Notes | 2SB1188-P-AB3-R Data Sheet | 2SB1188-P-AB3-R component | 2SB1188-P-AB3-R Fiche Technique | 2SB1188-P-AB3-R Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |