![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SB1132-X-AB3-R - MEDIUM POWER TRANSISTOR - Unisonic Technologies |
|
Click Here View 2SB1132-X-AB3-R Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| FXT555 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | Zetex Semiconductors |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| STF817A | PNP MEDIUM POWER TRANSISTOR | STMicroelectronics |
| NESG270034 | NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 2 W 3-PIN POWER MINIMOLD 34 PKG | California Eastern Labs |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | Zetex Semiconductors |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | Zetex Semiconductors |
| ZXTN25060BZ | 60V SOT89 NPN medium power transistor | Zetex Semiconductors |
| STX817A | PNP Medium power transistor | STMicroelectronics |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | NEC |
Link URL |
|
|
Related keyword |
| 2SB1132-X-AB3-R Datasheet | 2SB1132-X-AB3-R Cross Reference | 2SB1132-X-AB3-R Schematic | 2SB1132-X-AB3-R Distributor | 2SB1132-X-AB3-R Datenblatt | 2SB1132-X-AB3-R RoHS |
| 2SB1132-X-AB3-R Equivalent | 2SB1132-X-AB3-R Application Notes | 2SB1132-X-AB3-R Data Sheet | 2SB1132-X-AB3-R component | 2SB1132-X-AB3-R Fiche Technique | 2SB1132-X-AB3-R Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |