Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX158 Datasheet (PDF) - ON Semiconductor

MC74LCX158 Datasheet PDF - ON Semiconductor
Part # MC74LCX158
Download  MC74LCX158 Download

File Size   86.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)

MC74LCX158 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX158 Datasheet PDF - ON Semiconductor

Part # MC74LCX158
Download  MC74LCX158 Click to download

File Size   86.11 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Inverting)

MC74LCX158 Datasheet (HTML) - ON Semiconductor

MC74LCX158 Datasheet HTML 1Page - ON Semiconductor MC74LCX158 Datasheet HTML 2Page - ON Semiconductor MC74LCX158 Datasheet HTML 3Page - ON Semiconductor MC74LCX158 Datasheet HTML 4Page - ON Semiconductor MC74LCX158 Datasheet HTML 5Page - ON Semiconductor MC74LCX158 Datasheet HTML 6Page - ON Semiconductor MC74LCX158 Datasheet HTML 7Page - ON Semiconductor MC74LCX158 Datasheet HTML 8Page - ON Semiconductor

MC74LCX158 Product details

The MC74LCX158 is a high performance, quad 2−input inverting multiplexer operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX158 inputs to be safely driven from 5 V devices.

Features
• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant Inputs − Interface Capability With 5 V TTL Logic
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current (10 μA) Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V Machine Model >200 V
• Pb−Free Packages are Available*




Similar Part No. - MC74LCX158

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Motorola, Inc
MC74LCX158D MOTOROLA-MC74LCX158D Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158DG ONSEMI-MC74LCX158DG Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX158DR2G ONSEMI-MC74LCX158DR2G Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
More results


Similar Description - MC74LCX158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX258 ONSEMI-MC74LCX258 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
MC74LCX157A ONSEMI-MC74LCX157A Datasheet
313Kb / 9P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
June, 2021 - Rev. 0
MC74LCX157 ONSEMI-MC74LCX157_05 Datasheet
85Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs (Non?묲nverting)
January, 2005 ??Rev. 4
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX08 ONSEMI-MC74LVX08_05 Datasheet
82Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX00 ONSEMI-MC74LVX00_05 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com