![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
BU508AFI - SILICON DIFFUSED POWER TRANSISTOR - Unisonic Technologies |
|
Click Here View BU508AFI Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| 2SB965 | PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier | NEC |
| FXT555 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | Zetex Semiconductors |
| 2N2604 | PNP SILICON LOW POWER TRANSISTOR | Microsemi Corporation |
| 2N5195_00 | MEDIUM POWER PNP SILICON TRANSISTOR | STMicroelectronics |
| BD243C | COMPLEMENTARY SILICON POWER TRANSISTOR | STMicroelectronics |
| BUX10_03 | HIGH POWER NPN SILICON TRANSISTOR | STMicroelectronics |
| RD07MVS1 | Silicon MOSFET Power Transistor 175MHz 520MHz 7W | Mitsubishi Electric Semiconductor |
| 2N6388_00 | SILICON NPN POWER DARLINGTON TRANSISTOR | STMicroelectronics |
| MJ802_03 | SILICON NPN POWER TRANSISTOR | STMicroelectronics |
Link URL |
|
|
Related keyword |
| BU508AFI Datasheet | BU508AFI Cross Reference | BU508AFI Schematic | BU508AFI Distributor | BU508AFI Datenblatt | BU508AFI RoHS |
| BU508AFI Equivalent | BU508AFI Application Notes | BU508AFI Data Sheet | BU508AFI component | BU508AFI Fiche Technique | BU508AFI Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |