|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SK1288 - 2-PHASE DC-FAN MOTOR DRIVER - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BD6609FV | Spindle Motor Driver for CD/MD | 1 2 | Rohm |
| TMC239 | High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LB11862M | Single-Phase Full-Wave Fan Motor Driver | 1 2 3 4 5 | Sanyo Semicon Device |
| 17510 | 1.2 A 15 V H-Bridge Motor Driver IC | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| M56750FP | 3-PHASE BRUSHLESS MOTOR DRIVER | 1 2 3 4 5 More | Renesas Technology Corp |
| MB3863_01 | DUAL REVERSIBLE MOTOR DRIVER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| TB6592FL | Dual-Bridge Driver IC for DC motor | 1 2 3 4 5 More | Sipex Corporation |
| A3969 | Dual Full-Bridge PWM Motor Driver | 1 2 3 4 5 More | Allegro MicroSystems |
| MAS9012 | Stepper Motor Driver IC | 1 2 3 4 5 More | Micro Analog systems |
| BD6670FM | 3Phase spindle motor driver for CD-RW | 1 2 3 4 5 More | Rohm |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|