|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMBT9012 - 1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MMBT9013 | 1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION | 1 2 | Unisonic Technologies |
| LM4816 | 1W Stereo Audio Amplifier + Adjustable Output Limiter | 1 2 3 4 5 More | National Semiconductor |
| BC139 | AUDIO OUTPUT AMPLIFIER | 1 2 3 | STMicroelectronics |
| TS922_07 | Rail-to-rail high output current dual operational amplifier | 1 2 3 4 5 More | STMicroelectronics |
| ZXCD50STEVAL | 50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
| TS924_05 | Rail-to-rail High Output Current Quad Operational Amplifier | 1 2 3 4 5 More | STMicroelectronics |
| ZXCD100MOEVAL | 100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD | 1 2 3 4 5 More | Zetex Semiconductors |
| MNLM101A-X | OPERATION AMPLIFIER | 1 2 3 4 5 | National Semiconductor |
| ADA4841-1 | Low Power Low Noise and Distortion Rail-to-Rail Output Amplifier | 1 2 3 4 5 More | Analog Devices |
| LM48510 | Boosted Class D Audio Power Amplifier | Coming Soon | National Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|