|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MBR0530 - SCHOTTKY RECTIFIER DIODE - Unisonic Technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 85EPS | INPUT RECTIFIER DIODE | 1 2 3 4 5 More | International Rectifier |
| BYC10-600CT | Rectifier diode ultrafast low switching loss | 1 2 3 4 5 More | NXP Semiconductors |
| RB557W | Schottky barrier diode | 1 2 3 4 | Diodes Incorporated |
| RB521S30 | SURFACE MOUNT SCHOTTKY DIODE | 1 2 3 | Pan Jit International Inc. |
| CMS-S032-040 | SCHOTTKY BARRIER DIODE | 1 | Champion Microelectronic Corp. |
| 32CTQ030SPBF | SCHOTTKY RECTIFIER | 1 2 3 4 5 More | International Rectifier |
| 1N5818 | SCHOTTKY RECTIFIER 1.0 Amp | 1 2 3 4 5 | International Rectifier |
| STB70NFS03L_06 | N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier | 1 2 3 4 5 More | STMicroelectronics |
| MBRS4201T3_07 | 200V 4A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | 1 2 3 4 | ON Semiconductor |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | 1 2 3 4 5 | Vishay Siliconix |
Datasheet Page |
1 2 3 |
Link URL |
|
|