|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MJF127G - COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A, 100 V, 30 W - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BDV65B_06 | Complementary Silicon Plastic Power Darlingtons | 1 2 3 4 | ON Semiconductor |
| MJE243_06 | Complementary Silicon Power Plastic Transistors 100 VOLTS 15 WATTS | 1 2 3 4 5 More | ON Semiconductor |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| BD533_03 | COMPLEMENTARY SILICON POWER TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| TIP122FP_03 | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| MJ15001_05 | Complementary Silicon Power Transistors | 1 2 3 4 | ON Semiconductor |
| MJE15028_06 | 8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120−150 VOLTS 50 WATTS | 1 2 3 4 5 More | ON Semiconductor |
| BD677_03 | COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| TIP35CW | Complementary Silicon High Power Transistors | 1 2 3 4 5 More | STMicroelectronics |
| MJ15003 | Complementary Silicon Power Transistors | 1 2 3 | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|