|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM2931 - 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM317L_05 | 100 mA Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| L4949_06 | 100 mA 5.0 V Low Dropout Voltage Regulator with Power−On Reset | 1 2 3 4 5 More | ON Semiconductor |
| LM317_06 | 1.5 A Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| LM317M_06 | 500 mA Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| LM337_06 | 1.5 A Adjustable Output Negative Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| CS5253B-1 | 3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications | 1 2 3 4 5 More | ON Semiconductor |
| SN74LVCC3245A | OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS | 1 2 3 4 5 More | Texas Instruments |
| LM350 | 3.0 A Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| LM2574_06 | 0.5 A Adjustable Output Voltage Step−Down Switching Regulator | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 |
Link URL |
|
|