|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM285_05 - Micropower Voltage Reference Diodes - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM285 | Micropower Voltage Reference Diodes | 1 2 3 4 5 More | ON Semiconductor |
| ZR285-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| ZR4040-25 | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| LM4128 | SOT-23 Precision Micropower Series Voltage Reference | Coming Soon | National Semiconductor |
| REF1004 | 1.2V and 2.5V Micropower VOLTAGE REFERENCE | 1 2 3 4 5 More | Burr-Brown Corporation |
| ADR1500 | 1.2875 V Micropower Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| AS1004 | Micropower Voltage Reference | 1 2 3 4 5 More | Astec America, Inc |
| TL1431_05 | Programmable Voltage Reference | 1 2 3 4 5 More | STMicroelectronics |
| DAC8560 | 16-Bit Ultra-Low Glitch Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V 2ppm/°C Internal Reference | 1 2 3 4 5 More | Burr-Brown Corporation |
| AMC431 | PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|