|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L4949 - 100 mA, 5.0 V, Low Dropout Voltage Regulator with Power−On Reset - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS8101 | Micropower 5.0 V 100 mA Low Dropout Linear Regulator with RESET and ENABLE | 1 2 3 4 5 More | ON Semiconductor |
| UPC2260 | LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN | 1 2 3 4 5 More | NEC |
| CS8122 | 2.0% 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET | 1 2 3 4 5 More | ON Semiconductor |
| CS8126 | 5.0 V 750 mA Low Dropout Linear Regulator with Delayed RESET | 1 2 3 4 5 More | ON Semiconductor |
| CS8129 | 5.0 V 750 mA Low Dropout Linear Regulator with Lower RESET Threshold | 1 2 3 4 5 More | ON Semiconductor |
| CS8221 | Micropower 5.0 V 100 mA Low Dropout Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| CS8363_05 | 3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET | 1 2 3 4 5 More | ON Semiconductor |
| CS2001 | 1.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET | 1 2 3 4 5 More | ON Semiconductor |
| CS8481 | 3.3 V/250 mA 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|