|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PVDZ172N - Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PVY117 | Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole Normally-Open 0-40V AC/DC 470mA | 1 2 3 4 5 | International Rectifier |
| PVR13N | Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole Normally-Open 0-100V AC/DC 360mA | 1 2 3 4 5 More | International Rectifier |
| IRL2505SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF3709ZCSPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL1104SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| NTD4810NH | Power MOSFET 30 V 54 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| IRL3502SPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL3803VPBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF7101 | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| NTD4813NH | Power MOSFET 30 V 40 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|