|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N7000 - Small Signal MOSFET 200 mAmps, 60 Volts N−Channel TO−92 200 mAMPS 60 VOLTS - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTJS4405N | Small Signal MOSFET 25 V 1.2 A Single N−Channel SC−88 | 1 2 3 4 5 | ON Semiconductor |
| FDLL914 | Small Signal Diode | 1 2 3 4 | Fairchild Semiconductor |
| LL101A | Small Signal Schottky Barrier Diodes | 1 2 3 4 5 | Vishay Siliconix |
| NTD4809NH | Power MOSFET 30 V 58 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| 70N06 | 70 Amps 60 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| NTD4810NH | Power MOSFET 30 V 54 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| NTD4813NH | Power MOSFET 30 V 40 A Single N−Channel DPAK/IPAK | 1 2 3 4 5 More | ON Semiconductor |
| 30N06 | 30 Amps 60 Volts N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| UF640 | 18 A 200 V 0.18 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 | Unisonic Technologies |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|