![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS8447 - Single N-Channel PowerTrench MOSFET - Fairchild Semiconductor |
|
Click Here View FDS8447 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDW9926A | Dual N-Channel 2.5V Specified PowerTrench MOSFET | Fairchild Semiconductor |
| FDS6690A | Single N-Channel Logic Level PowerTrenchTM MOSFET | Fairchild Semiconductor |
| FDD8586 | N-Channel PowerTrench MOSFET 20V 35A 5.5mOHM | Fairchild Semiconductor |
| FDW2501N | Dual N-Channel 2.5V Specified PowerTrench MOSFET | Fairchild Semiconductor |
| FDMA291P | Single P-Channel 1.8V Specified PowerTrench MOSFET | Fairchild Semiconductor |
| FDS8949 | Dual N-Channel Logic Level PowerTrench MOSFET | Fairchild Semiconductor |
| FDB8832 | N-Channel Logic Level PowerTrench MOSFET 30V 80A 2.1mOHM | Fairchild Semiconductor |
| FDB2614 | 200V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDB2710 | 250V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| FDS8447 Datasheet | FDS8447 Cross Reference | FDS8447 Schematic | FDS8447 Distributor | FDS8447 Datenblatt | FDS8447 RoHS |
| FDS8447 Equivalent | FDS8447 Application Notes | FDS8447 Data Sheet | FDS8447 component | FDS8447 Fiche Technique | FDS8447 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |