|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PVR13N - Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PVY117 | Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole Normally-Open 0-40V AC/DC 470mA | 1 2 3 4 5 | International Rectifier |
| PVA13 | Microelectronic Power IC Relay Single-Pole 300mA 0-100V AC/DC | 1 2 3 4 5 More | International Rectifier |
| IRF7811APBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF7420 | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLR120 | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF6218PBF | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRLI540N | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRFP150V | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRL520 | HEXFET POWER MOSFET | 1 2 3 4 5 More | International Rectifier |
| IRF7413_07 | HEXFET POWER MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|