|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
P270 - 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant - Bi technologies |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P231 | 24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant | 1 2 3 | List of Unclassifed Manufacturers |
| WI1016 | Round Rotary Potentiometer | 1 | Sharma Electro Components,Inc |
| CPH5905 | High-Frequency Amplifier AM Amplifier Low-Frequency Amplifier Applications | 1 2 3 4 5 | Sanyo Semicon Device |
| 2SK3078 | 900 MHz BAND AMPLIFIER APPLICATIONS GSM | 1 2 3 | Toshiba Semiconductor |
| TOIM4232 | SIR Endec for IrDA Applications Integrated Interface Circuit | 1 2 3 4 5 More | Vishay Siliconix |
| LP3991 | 300mA Linear Voltage Regulator for Digital Applications | Coming Soon | National Semiconductor |
| EL817 | Photocoupler-RoHS Compliant | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| MPDS006C | PLASTIC SMALL-OUTLINE | 1 2 | Texas Instruments |
| 2N4921_06 | Medium−Power Plastic NPN Silicon Transistors | 1 2 3 4 5 More | ON Semiconductor |
| WXD3590 | Precision Wirewound Potentiometer | 1 | Sharma Electro Components,Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|