|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U816BS-SP - 1.1-GHz Prescaler for TV Tuners - TEMIC Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPB1508GV | 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS | 1 2 3 4 5 More | NEC |
| GF9103 | Over-Sampling Color Space Converter for Video Monitoring | 1 2 3 4 5 More | Gennum Corporation |
| SAB82C257 | Advanced DMA Controller for 16-Bit Microcomputer Sytems ADMA | 1 2 | Siemens Semiconductor Group |
| 836BN-0075Z | Variable Coils for Surface Mounting | 1 2 | TOKO, Inc |
| ADA4417-3 | Integrated Triple Video Filter for High Definition Video | 1 2 3 4 5 More | Analog Devices |
| PM9904BPD | Evaluation Board for the SA9904B Energy Metering IC | 1 2 3 4 5 More | Sames |
| CDB4352 | Evaluation Board for CS4352 | 1 2 3 4 5 More | Cirrus Logic |
| TLRH4450 | Resistor LED for 5 V Supply Voltage | 1 2 3 4 5 More | Vishay Siliconix |
| XN0B301 | For general amplification | 1 2 3 4 5 | Panasonic Semiconductor |
| DBL2018-C | 2 MOTOR DRIVER FOR A VTR | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|