|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP4633 - 1GHz 64 NON SELF OSCILLATING PRESCALER - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP4642 | 1GHz ÷ 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION | 1 2 3 | Zarlink Semiconductor Inc |
| MB511 | 1GHz HIGH SPEED PRESCALER | 1 2 3 4 5 More | Fujitsu Component Limited. |
| TDA4600 | CONTROL IC FOR LINE ISOLATED FREELY OSCILLATING FLYBACK CONVERTER | 1 2 3 4 5 More | Motorola, Inc |
| SY89206V | 3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER | 1 2 3 4 5 More | Micrel Semiconductor |
| MC12019 | Dual Modulus Prescaler | 1 2 3 | Freescale Semiconductor, Inc |
| SY89828L | 3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX | 1 2 3 4 5 More | Micrel Semiconductor |
| MC12022A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| MC12026A | 1.1GHz Dual Modulus Prescaler | 1 2 3 4 5 More | Motorola, Inc |
| KH600 | 1GHz Differential Input/Output Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| UPB1509GV | NEC 1.0 GHZ DIVIDE BY 2/4/8 PRESCALER | 1 2 3 4 5 More | California Eastern Labs |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|