|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP8M21 - 4V Drive NchPch MOSFET - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RTL035N03 | 2.5V Drive Nch MOSFET | 1 2 3 | Rohm |
| RSE002P03 | 4V Drive Pch MOSFET | 1 2 3 4 5 | Rohm |
| STS5DNF20V_06 | N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| RSU002P03 | 4V Drive Pch MOSFET | 1 2 3 4 5 | Rohm |
| 2SK1602 | HIGH SPEED HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS | 1 2 3 4 5 More | Toshiba Semiconductor |
| IRLZ4S | HEXFET POWER MOSFET | 1 2 3 4 5 More | International Rectifier |
| FDP65N06 | 60V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRL1004S | HEXFET Power MOSFET | 1 2 3 4 5 More | National Semiconductor |
| NTLJD3119C | Power MOSFET 20 V/−20 V 4.6 A/−4.1 A uCool Complementary 2x2 mm WDFN Package | 1 2 3 4 5 More | ON Semiconductor |
| BUZ907D | P-CHANNEL POWER MOSFET | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|