|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
60CTTN015 - TRENCH SCHOTTKY RECTIFIER - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| V30120S | High-Voltage Trench MOS Barrier Schottky Rectifier | 1 2 3 4 5 | Vishay Siliconix |
| STPS80L15CY | LOW DROP OR-ing POWER SCHOTTKY RECTIFIER | 1 2 3 4 5 | STMicroelectronics |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| 80CNQ35APBF | SCHOTTKY RECTIFIER New GenIII D-61 Package | 1 2 3 4 5 More | International Rectifier |
| STPS80L60CY | POWER SCHOTTKY RECTIFIER | 1 2 3 4 | STMicroelectronics |
| 10BQ040PBF | SCHOTTKY RECTIFIER | 1 2 3 4 5 More | International Rectifier |
| DGS20-022A | Gallium Arsenide Schottky Rectifier | 1 2 | IXYS Corporation |
| 90CLQ100 | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 90 Amp 100V | 1 2 3 4 | International Rectifier |
| 16YQ100C | SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES | 1 2 3 4 | International Rectifier |
| PBYR235CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|