Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF1801 Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF1801 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF1801
Download  MGF1801 Download

File Size   23.06 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description MICROWAVE POWER GaAs FET

MGF1801 Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF1801 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF1801
Download  MGF1801 Click to download

File Size   23.06 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description MICROWAVE POWER GaAs FET

MGF1801 Datasheet (HTML) - Mitsubishi Electric Semiconductor

MGF1801 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF1801 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF1801 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

MGF1801 Product details

DESCRIPTION
The MGF1801B, medium-power GaAs FET with an N-channel Schottky gate, is designed for use in S to X band amplifiers and oscillators. The hermetically sealed metalceramic package assures minimum parasitic losses, and has a configuration suitable for microstrip circuits.

FEATURES
• High output power at 1dB gain compression
    P1dB=23dBm(TYP.) @f=8GHz
• High linear power gain
    GLP=9dB(TYP.) @f=8GHz
• High reliability and stability

APPLICATION
    S to X band medium-power amplifiers and oscillators.




Similar Part No. - MGF1801

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1801 MITSUBISHI-MGF1801 Datasheet
121Kb / 3P
   TAPE CARRIER MICROWAVE POWER GaAs FET?
MGF1801B MITSUBISHI-MGF1801B Datasheet
180Kb / 4P
   MICROWAVE POWER GaAs FET
MGF1801BT MITSUBISHI-MGF1801BT Datasheet
121Kb / 3P
   TAPE CARRIER MICROWAVE POWER GaAs FET?
MGF1801BT MITSUBISHI-MGF1801BT Datasheet
334Kb / 4P
   TAPE CARRIER MICROWAVE POWER GaAs FET?
MGF1801BT MITSUBISHI-MGF1801BT_1 Datasheet
334Kb / 4P
   TAPE CARRIER MICROWAVE POWER GaAs FET?
More results


Similar Description - MGF1801

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S8850A TOSHIBA-S8850A Datasheet
155Kb / 4P
   MICROWAVE POWER GAAS FET
TIM1011-2L TOSHIBA-TIM1011-2L Datasheet
144Kb / 5P
   MICROWAVE POWER GaAs FET
TIM1112-8 TOSHIBA-TIM1112-8 Datasheet
111Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-4SL TOSHIBA-TIM5053-4SL Datasheet
384Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-16UL TOSHIBA-TIM5359-16UL Datasheet
383Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-60SL TOSHIBA-TIM5359-60SL Datasheet
159Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5053-8SL TOSHIBA-TIM5053-8SL Datasheet
144Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-4-252 TOSHIBA-TIM1414-4-252 Datasheet
258Kb / 4P
   MICROWAVE POWER GaAs FET
TIM1414-8 TOSHIBA-TIM1414-8 Datasheet
184Kb / 4P
   MICROWAVE POWER GaAs FET
TIM0910-10 TOSHIBA-TIM0910-10 Datasheet
112Kb / 4P
   MICROWAVE POWER GaAs FET
S8851 TOSHIBA-S8851 Datasheet
162Kb / 5P
   MICROWAVE POWER GaAs FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com