|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5913B - 3 W DO−41 Surmetic TM 30 Zener Voltage Regulators - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3EZ4.3D5 | 3 Watt DO−41 Surmetic 30 Zener Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| 1N5333B_06 | 5 Watt Surmetic TM 40 Zener Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| MC79L00 | 100 mA Negative Voltage Regulators | 1 2 3 4 5 More | ON Semiconductor |
| L7900_07 | Negative voltage regulators | 1 2 3 4 5 More | STMicroelectronics |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| SFC2723A | Precision Voltage Regulators | 1 | STMicroelectronics |
| LM2931 | 0.1A LOW DROPOUT VOLTAGE REGULATORS | 1 2 | HTC Korea TAEJIN Technology Co. |
| TPS7201Q_07 | MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS | 1 2 3 4 5 More | Texas Instruments |
| GM7130 | 3A STEP-DOWN VOLTAGE REGULATORS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LM317 | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|