![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N5401 - Axial−Lead Standard Recovery Rectifiers - ON Semiconductor |
|
Click Here View 1N5401 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| X25FG | 2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time | Voltage Multipliers Inc. |
| 1N4933 | Axial−Lead Fast−Recovery Rectifiers | ON Semiconductor |
| X25UFG | 2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time | Voltage Multipliers Inc. |
| SOD4001 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | Micro Commercial Components |
| 30DF1 | FAST RECOVERY RECTIFIERS | ETC |
| SOD4001-TS01 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | Micro Commercial Components |
| 1N6529U | 2 000 V - 5 000 V Rectifiers 0.05 A - 0.25 A Forward Current 70 ns Recovery Time | Voltage Multipliers Inc. |
| 1N6836LL | 2 000 V - 5 000 V Rectifiers 0.75 A - 2.00 A Forward Current 30 ns - 50 ns Recovery Time | Voltage Multipliers Inc. |
| Z25FG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time | Voltage Multipliers Inc. |
Link URL |
|
|
Related keyword |
| 1N5401 Datasheet | 1N5401 Cross Reference | 1N5401 Schematic | 1N5401 Distributor | 1N5401 Datenblatt | 1N5401 RoHS |
| 1N5401 Equivalent | 1N5401 Application Notes | 1N5401 Data Sheet | 1N5401 component | 1N5401 Fiche Technique | 1N5401 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |