Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C46RYI-G3 Datasheet (PDF) - Catalyst Semiconductor

CAT93C46RYI-G3 Datasheet PDF - Catalyst Semiconductor
Part # CAT93C46RYI-G3
Download  CAT93C46RYI-G3 Download

File Size   486.54 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1-Kb Microwire Serial EEPROM

CAT93C46RYI-G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT93C46RYI-G3 Datasheet PDF - Catalyst Semiconductor

Part # CAT93C46RYI-G3
Download  CAT93C46RYI-G3 Click to download

File Size   486.54 Kbytes
Page   13 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 1-Kb Microwire Serial EEPROM

CAT93C46RYI-G3 Datasheet (HTML) - Catalyst Semiconductor

Back Button CAT93C46RYI-G3 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C46RYI-G3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button 

CAT93C46RYI-G3 Product details

DESCRIPTION
The CAT93C46R is a 1-Kb CMOS Serial EEPROM device which is organized as either 64 registers of 16 bits or 128 registers of 8 bits, as determined by the state of the ORG pin. The CAT93C46R features sequential read and self-timed internal write with autoclear. On-chip Power-On Reset circuitry protects the internal logic against powering up in the wrong state.
In contrast to the CAT93C46, the CAT93C46R features an internal instruction clock counter which provides improved noise immunity for Write/Erase commands.

FEATURES
■ High speed operation: 4MHz @ 5V, 2MHz @ 1.8V
■ 1.8V to 5.5V supply voltage range
■ Selectable x8 or x16 memory organization
■ Sequential read
■ Software write protection
■ Power-up inadvertent write protection
■ Low power CMOS technology
■ 1,000,000 program/erase cycles
■ 100 year data retention
■ Industrial temperature range
■ RoHS-compliant 8-pin PDIP, SOIC, TSSOP and 8-pad TDFN packages




Similar Part No. - CAT93C46RYI-G3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46RYI-G ONSEMI-CAT93C46RYI-G Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
CAT93C46RYI-GT3 ONSEMI-CAT93C46RYI-GT3 Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46RYI-GT3 ONSEMI-CAT93C46RYI-GT3 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
More results


Similar Description - CAT93C46RYI-G3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46_07 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com