![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
LP2985 - 150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN - Texas Instruments |
|
Click Here View LP2985 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TL5209 | 500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN | Texas Instruments |
| G9612 | Low-Dropout 500mA Linear Regulator with Reset | Global Mixed-mode Technology Inc |
| NCP400 | 150 mA CMOS Low Iq Low-Dropout Voltage Regulator with Voltage Detector Output | ON Semiconductor |
| TPS736XX_07 | Cap-Free NMOS 400mA Low-Dropout Regulator with Reverse Current Protection | Texas Instruments |
| AP131 | 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN | Diodes Incorporated |
| FAN4855 | 500mA High Efficiency Boost Regulator with Adjustable Output Shutdown and Low Battery Detect | Fairchild Semiconductor |
| SPX2920_06 | 400mA Low Drop Out Voltage Regulator with Shutdown | Sipex Corporation |
| ISL6412_07 | Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit | Intersil Corporation |
| LP2981 | 100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN | Texas Instruments |
| AP131_1 | 300mA Low Dropout Linear Regulator with Shutdown | Anachip Corp |
Link URL |
|
|
Related keyword |
| LP2985 Datasheet | LP2985 Cross Reference | LP2985 Schematic | LP2985 Distributor | LP2985 Datenblatt | LP2985 RoHS |
| LP2985 Equivalent | LP2985 Application Notes | LP2985 Data Sheet | LP2985 component | LP2985 Fiche Technique | LP2985 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |