![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : LM2940CSX-12(1) LM2940CSX-15(1) |
|
Click Here View LM2940CSX-15 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| UPC2260 | LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN | NEC |
| OMR9807SC | 200 Krad Si Ultra Low Dropout Linear Regulator Hermetic Package | International Rectifier |
| GM6250 | ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR | ETC |
| RT9183 | Ultra Low Dropout 1.5A Linear Regulator | Richtek Technology Corporation |
| TPS732XX | Cap-Free NMOS 250mA Low Dropout Regulator with Reverse Current Protection | Texas Instruments |
| CS8481 | 3.3 V/250 mA 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE | ON Semiconductor |
| CX1084 | 5A Low dropout voltage regulator | ETC |
| ADP1710 | 150 mA Low Dropout CMOS Linear Regulator | Analog Devices |
| OMR9601SC | Ultra Low Dropout Linear Regulator +3.3Vin to +2.5Vout at 3.0A | International Rectifier |
| NCV4264 | 150 mA Low Dropout Linear Regulator | ON Semiconductor |
| Related keyword |
| LM2940CSX-15 Datasheet | LM2940CSX-15 Cross Reference | LM2940CSX-15 Schematic | LM2940CSX-15 Distributor | LM2940CSX-15 Datenblatt | LM2940CSX-15 RoHS |
| LM2940CSX-15 Equivalent | LM2940CSX-15 Application Notes | LM2940CSX-15 Data Sheet | LM2940CSX-15 component | LM2940CSX-15 Fiche Technique | LM2940CSX-15 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |