Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        BTA20-(9)    BTA200(5)    BTA201(22)    BTA202(5)    BTA204(91)    BTA208(83)    BTA20B(1)    BTA20C(2)    BTA20D(1)    BTA20E(1)    BTA20M(1)    BTA20N(1)

Datasheet

    BTA20E - 6-A Silicon Triacs For Power-Control and Power-Switching Applications - GE Solid State

Click Here View BTA20E Datasheet

Part No.BTA20E
Description 6-A Silicon Triacs For Power-Control and Power-Switching Applications
Download BTA20E Click here to View
File Size 238.77 Kbytes / 5 Pages
Maker GESS [GE Solid State]
Homepage

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications Intersil Corporation
2SK2173Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications Toshiba Semiconductor
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING NEC
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR Texas Instruments
2SK2229Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications Toshiba Semiconductor
CS1810XXNew CobraNet Silicon Series Ideal for Digital Audio Networking Applications Cirrus Logic
CX74063-3XRF Transceiver with Power Ramping Controller and Integrated Crystal Oscillator with 13 MHz Output for Multi-Band GSM GPRS and EDGE Applications Skyworks Solutions Inc.
IRGP4068DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRA-LOW VF DIODE FOR INDUCTION HEATING AND SOFT SWITCHING APPLICATIONS International Rectifier
EM8400MPEG-2 Decoder for Set-top DVD and Streaming Applications ETC
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications ON Semiconductor

Link URL

Related keyword

  BTA20E Datasheet   BTA20E Cross Reference   BTA20E Schematic   BTA20E Distributor   BTA20E Datenblatt   BTA20E RoHS
  BTA20E Equivalent   BTA20E Application Notes   BTA20E Data Sheet   BTA20E component   BTA20E Fiche Technique   BTA20E Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer