![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRF250 - High Voltage Power MOSFET Die N-Channel Enhancement Mode High Ruggedness Series - IXYS Corporation |
|
Click Here View IRF250 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IXTU01N100D | N-Channel Depletion Mode High Voltage MOSFET | IXYS Corporation |
| IXTQ50N20P | PolarHT Power MOSFET N-Channel Enhancement Mode | IXYS Corporation |
| IXTP02N50D | High Voltage MOSFET N-Channel Depletion Mode | IXYS Corporation |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | ETC |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
| ZXMN7A11K | 70V N-channel enhancement mode MOSFET | Zetex Semiconductors |
| ZXMN6A08G | 60V SOT223 N-channel enhancement mode MOSFET | Zetex Semiconductors |
| VN10K-TO18 | N-CHANNEL ENHANCEMENT MODE MOSFET | Seme LAB |
| IRF630FI | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR | STMicroelectronics |
| PJP75N75 | 75V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| IRF250 Datasheet | IRF250 Cross Reference | IRF250 Schematic | IRF250 Distributor | IRF250 Datenblatt | IRF250 RoHS |
| IRF250 Equivalent | IRF250 Application Notes | IRF250 Data Sheet | IRF250 component | IRF250 Fiche Technique | IRF250 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |