Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        GP1S50(1)    GP1S51(2)    GP1S52(2)    GP1S53(3)    GP1S54(1)    GP1S55(2)    GP1S56(8)    GP1S58(3)    GP1S59(2)

Datasheet

    GP1S56 - Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin - Sharp Electrionic Components

Click Here View GP1S56 Datasheet

Part No.GP1S56
Description Compact, High Sensing Accuracy Type Photointerrupter with Positioning Pin
Download GP1S56 Click here to View
File Size 135.6 Kbytes / 4 Pages
Maker SHARP [Sharp Electrionic Components]
Homepage http://sharp-world.com/products/device/

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
GP1A19HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER Sharp Electrionic Components
K6E1004C1B256Kx4 Bit with OE High Speed Static RAM 5V Operating Evolutionary Pin out Samsung semiconductor
ADP1653Compact High Efficiency High Power Flash/Torch LED Driver with Dual Interface Analog Devices
K6R1004C1B256Kx4 Bit with OE High Speed Static RAM 5.0V Operating Revolutionary Pin out Samsung semiconductor
KM641001B256Kx4 Bit with OE High Speed Static RAM 5V Operating Evolutionary Pin out Samsung semiconductor
KM641003B256Kx4 Bit with OE High Speed Static RAM 5.0V Operating Revolutionary Pin out Samsung semiconductor
PS2581L1LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER California Eastern Labs
PS2521-1LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES California Eastern Labs
SN74LVC16374A16 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS Texas Instruments
AD5744RComplete Quad 14-Bit High Accuracy Serial Input Bipolar Voltage Output DAC Analog Devices

Link URL

Related keyword

  GP1S56 Datasheet   GP1S56 Cross Reference   GP1S56 Schematic   GP1S56 Distributor   GP1S56 Datenblatt   GP1S56 RoHS
  GP1S56 Equivalent   GP1S56 Application Notes   GP1S56 Data Sheet   GP1S56 component   GP1S56 Fiche Technique   GP1S56 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer