![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
5N60 - 4.5 Amps, 600 Volts N-CHANNEL MOSFET - Unisonic Technologies |
|
Click Here View 5N60 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2N60 | 2 Amps 600 Volts N-CHANNEL MOSFET | Unisonic Technologies |
| MTP20N15E | Power MOSFET 20 Amps 150 Volts N-Channel TO-220 | ON Semiconductor |
| 70N06 | 70 Amps 60 Volts N-CHANNEL POWER MOSFET | Unisonic Technologies |
| NTTD1P02R2 | Power MOSFET -1.45 Amps -20 Volts | ON Semiconductor |
| NTD60N03 | Power MOSFET 60 Amps 28 Volts | ON Semiconductor |
| MTP23P06V | Power MOSFET 23 Amps 60 Volts | ON Semiconductor |
| SI7842DP | Dual N-Channel 30-V D-S MOSFET with Schottky Diode | Vishay Siliconix |
| SI1304BDL | N-Channel 30-V D-S MOSFET | Vishay Siliconix |
| 2SK3651-01R | N-CHANNEL SILICON POWER MOSFET | Fuji Electric |
| STP80NF06 | N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| 5N60 Datasheet | 5N60 Cross Reference | 5N60 Schematic | 5N60 Distributor | 5N60 Datenblatt | 5N60 RoHS |
| 5N60 Equivalent | 5N60 Application Notes | 5N60 Data Sheet | 5N60 component | 5N60 Fiche Technique | 5N60 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |