|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
74AUP1G57 - Low-power configurable multiple function gate - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 74AUP1G97 | Low-power configurable multiple function gate | 1 2 3 4 5 More | NXP Semiconductors |
| MB1503 | LOW-POWER PLL FREQUENCY SYNTHESIZER WITH POWER SAVE FUNCTION 1.1GHz | 1 2 3 4 5 More | Fujitsu Component Limited. |
| 74AUP2G00 | Low-power dual 2-input NAND gate | 1 2 3 4 5 More | NXP Semiconductors |
| IRG4PC60F-PPBF | INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT | 1 2 3 4 5 More | International Rectifier |
| MC54F32 | QUAD 2-INPUT OR GATE | 1 2 | Motorola, Inc |
| MC10212 | High Speed Dual 3-Input/3-Output OR/NOR Gate | 1 2 3 4 5 | Motorola, Inc |
| MC10E101 | 5V ECL Quad 4ÂInput OR/NOR Gate | 1 2 3 4 5 More | ON Semiconductor |
| SN74LVC10A | TRIPLE 3-INPUT POSITIVE-NAND GATE | 1 2 3 4 5 More | Texas Instruments |
| PM-139 | Quad Low-Power Voltage Comparators | 1 2 3 4 5 More | Analog Devices |
| FXL2TD245 | Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 |
Link URL |
|
|