![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
LA213 - Photocoupler - ETC |
|
Click Here View LA213 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PS2566-1 | HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES | California Eastern Labs |
| OCP-PCP116 | SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER | ETC |
| KB814 | GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES | Kingbright Corporation |
| TLP197A | TOSHIBA PHOTOCOUPLER PHOTO RELAY | Toshiba Semiconductor |
| LTV-819 | High Density Mounting Type Photocoupler | Lite-On Technology Corporation |
| PS2503-1 | LOW INPUT CURRENT HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES | NEC |
| PS2581L1 | LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER | NEC |
| PS2581L1 | LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER | California Eastern Labs |
| PS2811-1 | LOW INPUT CURRENT HIGH CTR 4 16-PIN SSOP PHOTOCOUPLER | California Eastern Labs |
| PS2703-1 | HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER | California Eastern Labs |
Link URL |
|
|
Related keyword |
| LA213 Datasheet | LA213 Cross Reference | LA213 Schematic | LA213 Distributor | LA213 Datenblatt | LA213 RoHS |
| LA213 Equivalent | LA213 Application Notes | LA213 Data Sheet | LA213 component | LA213 Fiche Technique | LA213 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |