Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZFM-4212 Datasheet (PDF) - Mini-Circuits

ZFM-4212 Datasheet PDF - Mini-Circuits
Part # ZFM-4212
Download  ZFM-4212 Download

File Size   127.31 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 2000 to 4200 MHz

ZFM-4212 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZFM-4212 Datasheet PDF - Mini-Circuits

Part # ZFM-4212
Download  ZFM-4212 Click to download

File Size   127.31 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Level 7 (LO Power 7 dBm) 2000 to 4200 MHz

ZFM-4212 Datasheet (HTML) - Mini-Circuits

ZFM-4212 Datasheet HTML 1Page - Mini-Circuits ZFM-4212 Datasheet HTML 2Page - Mini-Circuits



Similar Part No. - ZFM-4212

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
   Frequency Mixer
ZFM-4++ MINI-ZFM-4+ Datasheet
264Kb / 2P
   Frequency Mixer
ZFM-4-S++ MINI-ZFM-4-S+ Datasheet
264Kb / 2P
   Frequency Mixer
ZFM-4H MINI-ZFM-4H Datasheet
260Kb / 2P
   Frequency Mixer
ZFM-4H++ MINI-ZFM-4H+ Datasheet
260Kb / 2P
   Frequency Mixer
More results


Similar Description - ZFM-4212

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
   Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
   Level 7 (LO Power 7 dBm) 5 to 1500 MHz
RMS-30 MINI-RMS-30 Datasheet
575Kb / 2P
   Level 7 (LO Power 7 dBm) 200 to 3000 MHz
ZX05-1 MINI-ZX05-1 Datasheet
223Kb / 2P
   Level 7 (LO Power 7 dBm) 0.5 to 500 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
   Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
SCM-2++ MINI-SCM-2+ Datasheet
196Kb / 2P
   Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
   High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com