|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC44140 - Chroma Delay Line HCMOS Technology - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VVD2 | HCMOS 9.6 x 14.4 x 4.5 VCXO | 1 2 | Vectron International, Inc |
| NUF3101FC | Three Line EMI Filter | 1 2 3 4 | ON Semiconductor |
| MAX211 | 5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION | 1 2 3 4 5 More | Texas Instruments |
| CS4352 | 192 kHz Stereo DAC with 2 Vrms Line Out | 1 2 3 4 5 More | Cirrus Logic |
| CX86500 | SCXV.92/V.34/V.32bis Modem / Controller-based Modem with Worldwide SmartDAA 3 Line Side Device for Embedded Applications | 1 2 3 4 5 More | Conexant Systems, Inc |
| 3858-3 | Audio Line Coupling / Bridging Transformer | 1 | Filtran LTD |
| TPA2273 | Audio Line Matching Transformer | 1 | Filtran LTD |
| 2SC5210 | FOR SMALL TYPE COLOUR TV CHROMA OUTPUT APPLICATION SILICON NPN TRIPLE DIFFUSED TYPE | 1 2 3 | Isahaya Electronics Corporation |
| OPA2048CA | Self-Scanning Line Sensor | 1 2 3 4 5 More | OKI electronic componets |
| NUF4001MU | Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|