|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SOD4001-TS01 - 1 Amp Standard Recovery Rectifier 50 to 1000 Volts - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SOD4001 | 1 Amp Standard Recovery Rectifier 50 to 1000 Volts | 1 2 3 | Micro Commercial Components |
| 1N4005-TS01 | 1.0 Amp Rectifier 600 Volts | 1 2 | Micro Commercial Components |
| 3PM2 | AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE | 1 2 3 | Semtech Corporation |
| 1N1124A | STANDARD RECOVERY RECTIFIER | 1 2 | Solid States Devices, Inc |
| BY223-600 | FAST RECOVERY RECTIFIER DIODES | 1 2 3 4 5 | STMicroelectronics |
| FP25S | 2 500 V - 10 000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| SP125F | 12 500 V - 25 000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| 1S1834 | FAST RECOVERY RECTIFIER | 1 2 | List of Unclassifed Manufacturers |
| SP150S | 15 000 V - 30 000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time | 1 2 | Voltage Multipliers Inc. |
| UH20FCT | Dual Common-Cathode Ultrafast Recovery Rectifier | 1 2 3 4 5 | Vishay Siliconix |
Datasheet Page |
1 2 3 |
Link URL |
|
|