|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD776 - 16-Bit 100 kSPS Oversampling ADC - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD7980 | 16-bit 1 MSPS PulSAR ADC in MSOP/QFN | 1 2 3 4 5 More | Analog Devices |
| AD7321 | 500 kSPS 2-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | 1 2 3 4 5 More | Analog Devices |
| AD9461 | 16-Bit 130 MSPS IF Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7327 | 500 kSPS 8-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | 1 2 3 4 5 More | Analog Devices |
| LTC2208 | 16-Bit 130Msps ADC | 1 2 3 4 5 More | Linear Technology |
| AD7631 | 18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC | 1 2 3 4 5 More | Analog Devices |
| ST72340 | 8-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI | 1 2 3 4 5 More | STMicroelectronics |
| AD7765 | 24-Bit 156 kSPS 112dB ADC With On-Chip Buffers Serial Interface | 1 2 3 4 5 More | Analog Devices |
| AD7323 | 500 kSPS 4-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|