|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N1124A - STANDARD RECOVERY RECTIFIER - Solid States Devices, Inc |
|
Click 1N1124A to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 3PM2 | AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE | Semtech Corporation |
| FP125F | 12 500 V - 20 000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time | ETC |
| OM5328SC | HERMETIC JEDEC TO-258AA HIGH EFFICIENCY SOFT RECOVERY CENTER-TAP RECTIFIER | ETC |
| FP25S | 2 500 V - 10 000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time | Voltage Multipliers Inc. |
| SP125F | 12 500 V - 25 000 V Rectifier Stacks 0.5 A Forward Current 150 ns Recovery Time | Voltage Multipliers Inc. |
| BY223-600 | FAST RECOVERY RECTIFIER DIODES | STMicroelectronics |
| SP150S | 15 000 V - 30 000 V Rectifier Stacks 0.5 A Forward Current 3000 ns Recovery Time | Voltage Multipliers Inc. |
| 1S1834 | FAST RECOVERY RECTIFIER | ETC |
| SPJ100F | 10 000 V - 45 000 V Rectifier Stacks 0.05 A Forward Current 70 ns Recovery Time | Voltage Multipliers Inc. |
| UH20FCT | Dual Common-Cathode Ultrafast Recovery Rectifier | Vishay Siliconix |
Link URL |
|
|
Related keyword |
| 1N1124A Datasheet | 1N1124A Cross Reference | 1N1124A Schematic | 1N1124A Distributor | 1N1124A Datenblatt | 1N1124A RoHS |
| 1N1124A Equivalent | 1N1124A Application Notes | 1N1124A Data Sheet | 1N1124A component | 1N1124A Fiche Technique | 1N1124A Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |